Part Number Hot Search : 
MT9079AP PU3124 DS1314 2TRPB C3005 DUG76A SMAJ33C 20080
Product Description
Full Text Search
 

To Download ATMEGA88-15AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Appendix A - ATmega88/168 Automotive specification at 150C
This document contains information specific to devices operating at temperatures up to 150C. Only deviations are covered in this appendix, all other information can be found in the complete Automotive datasheet. The complete Automotive datasheet can be found on www.atmel.com
8-bit Microcontroller with 8K Bytes In-System Programmable Flash ATmega88/168 Automotive Appendix A PRELIMINARY
Electrical Characteristics
Absolute Maximum Ratings*
Operating Temperature.................................. -55C to +150C Storage Temperature ..................................... -65C to +175C Voltage on any Pin except RESET with respect to Ground ................................-0.5V to VCC+0.5V Voltage on RESET with respect to Ground......-0.5V to +13.0V Maximum Operating Voltage ............................................ 6.0V DC Current per I/O Pin ............................................... 30.0 mA DC Current VCC and GND Pins................................ 200.0 mA *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC Characteristics
TA = -40C to 150C, VCC = 2.7V to 5.5V (unless otherwise noted)
Symbol VIL VIH VIL1 VIH1 VIL2 VIH2 VIL3 VIH3 VOL VOH IIL IIH RRST RPU Parameter Input Low Voltage, except XTAL1 and RESET pin Input High Voltage, except XTAL1 and RESET pins Input Low Voltage, XTAL1 pin Input High Voltage, XTAL1 pin Input Low Voltage, RESET pin Input High Voltage, RESET pin Input Low Voltage, RESET pin as I/O Input High Voltage, RESET pin as I/O Output Low Voltage(3), I/O pin except RESET Output High Voltage(4), I/O pin except RESET Input Leakage Current I/O Pin Input Leakage Current I/O Pin Reset Pull-up Resistor I/O Pin Pull-up Resistor Condition VCC = 2.7V - 5.5V VCC = 2.7V - 5.5V VCC = 2.7V - 5.5V VCC = 2.7V - 5.5V VCC = 2.7V - 5.5V VCC = 2.7V - 5.5V VCC = 2.7V - 5.5V VCC = 2.7V - 5.5V IOL = 20mA, VCC = 5V IOL = 5mA, VCC = 3V IOH = -20mA, VCC = 5V IOH = -10mA, VCC = 3V VCC = 5.5V, pin low (absolute value) VCC = 5.5V, pin high (absolute value) 30 20 4.0 2.2 1 1 60 50 Min. -0.5 0.6VCC(2) -0.5 0.7VCC(2) -0.5 0.9VCC(2) -0.5 0.6VCC(2) Typ. Max. 0.3VCC(1) VCC + 0.5 0.1VCC(1) VCC + 0.5 0.2VCC(1) VCC + 0.5 0.3VCC(1) VCC + 0.5 0.8 0.5 Units V V V V V V V V V V A A k k
2
ATMega88/168 Automotive
7607F-AVR-03/08
ATMega88/168 Automotive
TA = -40C to 150C, VCC = 2.7V to 5.5V (unless otherwise noted) (Continued)
Symbol ICC Power Supply Current(6) ICC IDLE Parameter Condition Active 4MHz, VCC = 3V Active 8MHz, VCC = 5V Active 16MHz, VCC = 5V Idle 4MHz, VCC = 3V Idle 8MHz, VCC = 5V Idle 16MHz, VCC = 5V WDT enabled, VCC = 3V WDT enabled, VCC = 5V WDT disabled, VCC = 3V WDT disabled, VCC = 5V Analog Comparator Input Offset Voltage Analog Comparator Input Leakage Current Analog Comparator Propagation Delay VCC = 5V Vin = VCC/2 VCC = 5V Vin = VCC/2 VCC = 4.0V -50 500 <10 Min. Typ. Max. 8 16 25 6 12 14 90 140 80 120 40 50 Units mA mA mA mA A A mV nA ns
ICC PWD
Power-down mode
VACIO IACLK tACPD
Memory Endurance
EEPROM endurance: 50,000 Write/Erase cycles. Flash endurance: 10,000 Write/Erase cycles.
Maximum Speed vs. VCC
Maximum frequency is dependent on VCC. As shown in Figure 131, the Maximum Frequency vs. VCC curve is linear between 2.7V < VCC < 4.5V. Figure 1. Maximum Frequency vs. VCC
16 MHz
8 MHz
Safe Operating Area
2.7V
4.5V
5.5V
3
7607F-AVR-03/08
ADC Characteristics(6)
TA = -40C to 150C, VCC = 4.5V to 5.5V (unless otherwise noted)
Symbol Parameter Resolution Absolute accuracy (Including INL, DNL, quantization error, gain and offset error) Integral Non-Linearity (INL) Differential Non-Linearity (DNL) Gain Error Offset Error Conversion Time Clock Frequency VREF = 4V, VCC = 4V, ADC clock = 200 kHz VREF = 4V, VCC = 4V, ADC clock = 200 kHz Noise Reduction Mode VREF = 4V, VCC = 4V, ADC clock = 200 kHz VREF = 4V, VCC = 4V, ADC clock = 200 kHz VREF = 4V, VCC = 4V, ADC clock = 200 kHz VREF = 4V, VCC = 4V, ADC clock = 200 kHz Free Running Conversion 13 cycles 50 VCC - 0.3 1.0 GND 38.5 1.0 25.6 1.1 32 100 1.2 38.4 200 VCC + 0.3 -3.5 Condition Min Typ 10 2 3.5 Max Units Bits LSB
2
3.5
LSB
0.6 0.30 -1.3 1.8
2.5 1.0 3.5 3.5
LSB LSB LSB LSB s kHz V V V kHz V k M
AVCC
VREF VIN
Analog Supply Voltage Reference Voltage Input Voltage Input Bandwidth
AVCC
VREF
VINT RREF RAIN Notes:
Internal Voltage Reference Reference Input Resistance Analog Input Resistance
1. "Max" means the highest value where the pin is guaranteed to be read as low 2. "Min" means the lowest value where the pin is guaranteed to be read as high 3. Although each I/O port can sink more than the test conditions (20mA at VCC = 5V) under steady state conditions (non-transient), the following must be observed: 1] The sum of all IOL, for all ports, should not exceed 400 mA. 2] The sum of all IOL, for ports C0 - C5, should not exceed 200 mA. 3] The sum of all IOL, for ports C6, D0 - D4, should not exceed 300 mA. 4] The sum of all IOL, for ports B0 - B7, D5 - D7, should not exceed 300 mA. If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test condition. 4. Although each I/O port can source more than the test conditions (20mA at Vcc = 5V) under steady state conditions (nontransient), the following must be observed: 1] The sum of all IOH, for all ports, should not exceed 400 mA. 2] The sum of all IOH, for ports C0 - C5, should not exceed 200 mA. 3] The sum of all IOH, for ports C6, D0 - D4, should not exceed 300 mA. 4] The sum of all IOH, for ports B0 - B7, D5 - D7, should not exceed 300 mA. If IOH exceeds the test condition, VOH may exceed the related specification. Pins are not guaranteed to source current greater than the listed test condition.
4
ATMega88/168 Automotive
7607F-AVR-03/08
ATMega88/168 Automotive
5. Minimum VCC for Power-down is 2.5V.
ATmega88/168 Typical Characteristics
Active Supply Current
Figure 2. Active Supply Current vs. Frequency (1 - 20 MHz)
ACTIVE S UP P LY CURRENT vs . FREQUENCY
Te mp = 150c 16
5.5 V
14
5.0 V
12 10
ICC (mA)
8 6 4 2 0 0 2 4 6 8 10 12 14 16 18 20 Fre que nc y (MHz )
3.3 V 3.0 V
Figure 3. Idle Supply Current vs. Frequency (1 - 20 MHz)
IDLE S UP P LY CURRENT vs . FREQUENCY
Te mp = 150c 8
6
ICC (mA)
4
5.5 V 5.0 V 3.3 V 3.0 V
2
0 4 6 8 10 12 Fre que nc y (MHz ) 14 16 18 20
5
7607F-AVR-03/08
Power-Down Supply Current
Figure 4. Power-Down Supply Current vs. VCC (Watchdog Timer Disabled)
P OWER-DOWN S UP P LY CURRENT vs . Vcc
WATCHDOG TIMER DISABLED
30
150 C
25
20
ICC (uA)
15
10
125 C
5
0 2.5 3 3.5 4 V CC (V) 4.5 5
85 C 25 C -40 C
5.5
Figure 5. Power-Down Supply Current vs. VCC (Watchdog Timer Enabled)
P OWER-DOWN S UP P LY CURRENT vs . Vcc
WATCHDOG TIMER ENABLED 35
150 C
30
25
ICC (uA)
20
15
125 C -40 C 85 C 25 C
10
5
0 2.5 3 3.5 4 V CC (V) 4.5 5 5.5
6
ATMega88/168 Automotive
7607F-AVR-03/08
ATMega88/168 Automotive
Pin Pull-up Figure 6. I/O Pin Pull-up Resistor Current vs. Input Voltage (VCC = 5V)
I/O P IN P ULL-UP RES IS TOR CURRENT vs . INP UT VOLTAGE
160
150 C
140 120
-40 C
100
IOP (uA)
80 60 40 20 0 0 1 2 3 V OP (V) 4 5 6
Figure 7. Output Low Voltage vs. Output Low Current (VCC = 5V)
I/O P IN OUTP UT VOLTAGE vs . S INK CURRENT
Vc c = 5.00v 0.8 0.7 0.6 0.5
150 C 125 C 85 C
Vol (V)
25 C
0.4 0.3 0.2 0.1 0 0 2 4 6 8 10 IOL (mA) 12 14 16 18 20
-40 C
7
7607F-AVR-03/08
Figure 8. Output Low Voltage vs. Output Low Current (VCC = 3V)
I/O P IN OUTP UT VOLTAGE vs . S INK CURRENT
Vc c = 3.0v 1.4
1.2
150 C 125 C 85 C 25 C
1
Vol (V)
0.8
0.6
-40 C
0.4
0.2
0 0 2 4 6 8 10 IOL (mA) 12 14 16 18 20
Figure 9. Output High Voltage vs. Output High Current (VCC = 5V)
I/O P IN OUTP UT VOLTAGE vs . S OURCE CURRENT
Vc c = 5.00v 5.2
5
4.8
Voh (V)
4.6
4.4
-40 C 25 C 85 C 125 C 150 C
4.2
4 0 2 4 6 8 10 IOH (mA) 12 14 16 18 20
8
ATMega88/168 Automotive
7607F-AVR-03/08
ATMega88/168 Automotive
Figure 10. Output High Voltage vs. Output High Current (VCC = 3V)
I/O P IN OUTP UT VOLTAGE vs . S OURCE CURRENT
Vc c = 3.0v 3.5
3
2.5
Current (V)
2
-40 C 25 C 85 C 125 C 150 C
1.5
1
0.5
0 0 2 4 6 8 10 IOH (mA) 12 14 16 18 20
Figure 11. Reset Pull-Up Resistor Current vs. Reset Pin Voltage (VCC = 5V)
RES ET P ULL-UP RES IS TOR CURRENT vs . RES ET P IN VOLTAGE
140
120
150 C
100
IRES ET (uA)
80 60
-40 C
40
20
0 0 1 2 3 V RE S E T (V) 4 5 6
9
7607F-AVR-03/08
Pin Thresholds and Hysteresis
Figure 12. I/O Pin Input Threshold vs. VCC (VIH, I/O Pin Read as `1')
IO INP UT THRES HOLD VOLTAGE vs . VC C
VIH, IO PIN READ AS '1' 3
150 C -40 C
2.5
2
Vih (V)
1.5
1
0.5
0 2.5 3 3.5 4 V CC (V) 4.5 5 5.5
Figure 13. I/O Pin Input Threshold vs. VCC (VIL, I/O Pin Read as `0')
IO INP UT THRES HOLD VOLTAGE vs . V C C
VIL, IO PIN READ AS '0' 3
150 C
2.5
-40 C
2
Vil (V)
1.5
1
0.5
0 2.5 3 3.5 4 V CC (V) 4.5 5 5.5
10
ATMega88/168 Automotive
7607F-AVR-03/08
ATMega88/168 Automotive
Figure 14. Reset Input Threshold Voltage vs. VCC (VIH, Reset Pin Read as `1')
RES ET INP UT THRES HOLD VOLTAGE vs . VC C
VIH, IO PIN READ AS '1' 3
2.5
2
Thres hold (V)
-40 C
1.5
1
150 C
0.5
0 2.5 3 3.5 4 V CC (V) 4.5 5 5.5
Figure 15. Reset Input Threshold Voltage vs. VCC (VIL, Reset Pin Read as `0')
RES ET INP UT THRES HOLD VOLTAGE vs . VC C
VIL, IO PIN READ AS '0' 2.5
2
Thres hold (V)
1.5
150 C
1
-40 C
0.5
0 2.5 3 3.5 4 V CC (V) 4.5 5 5.5
11
7607F-AVR-03/08
Internal Oscillator Speed
Figure 16. Watchdog Oscillator Frequency vs. VCC
WATCHDOG OS CILLATOR FREQUENCY vs . TEMP ERATURE
Vcc from 2.7V to 5.5V 190
170
150
FRC (kHz)
130
2.7 3.0 5.0 5.5
V V V V
110
90
70 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150 160
Te mpe ra ture
Figure 17. Calibrated 8 MHz RC Oscillator Frequency vs. Temperature
CALIBRATED 8MHz RC OS CILLATOR FREQUENCY vs . TEMP ERATURE
8.4 8.3 8.2 8.1
5.5 V 5.0 V 4.5 V 3.3 V 3.0 V 2.7 V
FRC (MHz)
8 7.9 7.8 7.7 7.6 -40
-30 -20
-10
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150
Te mpe ra ture
12
ATMega88/168 Automotive
7607F-AVR-03/08
ATMega88/168 Automotive
Figure 18. Calibrated 8 MHz RC Oscillator Frequency vs. VCC
CALIBRATED 8MHz RC OS CILLATOR FREQUENCY vs . OP ERATING VOLTAGE
8.4 8.3 8.2 8.1
150 125 85 25 -40
FRC (MHz)
8 7.9 7.8 7.7 7.6 2 2.5 3 3.5 4 V CC (V) 4.5 5 5.5 6
Figure 19. Calibrated 8 MHz RC Oscillator Frequency vs. OSCCAL Value
CALIBRATED 8MHz RC OS CILLATOR FREQUENCY vs . OS CCAL VALUE
Vc c = 5.00v 16 14 12 10
150 C -40 C
FRC (MHz)
8 6 4 2 0 0 16 32 48 64 80 96 112 128 144 160 176 192 208 224 240 OSCCAL (X1)
BOD Thresholds and Analog Comparator Offset
Figure 20. BOD Threshold vs. Temperature (BODLEVEL is 4.0V)
BOD THRES HOLDS vs . TEMP ERATURE
BOD s e tting = 4.30v 4.6
4.5
4.4
Thres hold (V)
1
4.3
0
4.2
4.1
4 -50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150 160
Te mpe ra ture (C)
13
7607F-AVR-03/08
Figure 21. BOD Threshold vs. Temperature (BODLEVEL is 2.7V)
BOD THRES HOLDS vs . TEMP ERATURE
BOD s e tting = 2.70v 3
2.9
2.8
Thres hold (V)
1
2.7
0
2.6
2.5
2.4 -50 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150 160
Te mpe ra ture (C)
Figure 22. Bandgap Voltage vs. VCC
BANDGAP VOLTAGE vs . V C C
1.25
1.2
Bandgap Voltage (V)
1.15
1.1
150 C -40 C
1.05
1
0.95 2 2.5 3 3.5 Vc c (V) 4 4.5 5 5.5
14
ATMega88/168 Automotive
7607F-AVR-03/08
ATMega88/168 Automotive
Peripheral Units Figure 23. Analog to Digital Converter GAIN vs. VCC
Gain vs. Temperature
0.00
-0.50
Error (LSB)
-1.00 4 IDL -1.50 4 STD
-2.00
-2.50 -50 -25 0 25 50 Temperature 75 100 125 150
Figure 24. Analog to Digital Converter OFFSET vs. VCC
Offset vs. Temperature
2.50
2.00
4 IDL 4 STD
Error (LSB)
1.50
1.00
0.50
0.00 -50 -25 0 25 50 Temperature 75 100 125 150
Figure 25. Analog to Digital Converter DNL vs. VCC
DNL vs. Temperature
1.00 0.90 0.80 0.70
Error (LSB)
0.60 0.50 0.40 4 IDL 0.30 0.20 0.10 0.00 -50 -25 0 25 50 Temperature 75 100 125 150 4 STD
15
7607F-AVR-03/08
Figure 26. Analog to Digital Converter INL vs. VCC
INL vs. Temperature
1.00 0.90 0.80 0.70
Error (LSB)
0.60 0.50 0.40 0.30 0.20 0.10 0.00 -50 -25 0 25 50 Temperature 75 100 125
4 IDL 4 STD
150
16
ATMega88/168 Automotive
7607F-AVR-03/08
ATMega88/168 Automotive
Grade 0 Qualification
The ATmega88/168 has been developed and manufactured according to the most stringent quality assurance requirements of ISO-TS-16949 and verified during product qualification as per AEC-Q100 grade 0. AEC-Q100 qualification relies on temperature accelerated stress testing. High temperature field usage however may result in less significant stress test acceleration. In order to prevent the risk that ATmega88/168 lifetime would not satisfy the application end-of-life reliability requirements, Atmel has extended the testing, whenever applicable (High Temperature Operating Life Test, High Temperature Storage Life, Data Retention, Thermal Cycles), far beyond the AEC-Q100 requirements. Thereby, Atmel verified the ATmega88/168 has a long safe lifetime period after the grade 0 qualification acceptance limits. The valid domain calculation depends on the activation energy of the potential failure mechanism that is considered. Examples are given in figure 1. Therefore any temperature mission profile which could exceed the AEC-Q100 equivalence domain shall be submitted to Atmel for a thorough reliability analysis
AEC-Q100 Lifetime Equivalence
1000000
100000
10000
Hours
1000
100
10
1 0 20 40 60 80 100 120 140 160
Temperature (C)
HTOL 0,59eV HTSL 0,45eV
17
7607F-AVR-03/08
Ordering Information
ATmega88/168
Speed (MHz) 16(2) 16(2) 16(2) 16(2) Notes: Power Supply 2.7 - 5.5V 2.7 - 5.5V 2.7 - 5.5V 2.7 - 5.5V Ordering Code ATmega88-15MT2 ATMEGA88-15AD ATmega168-15MD ATmega168-15AD Package(1) PN MA PN MA Operation Range Extended (-40C to 150C) Extended (-40C to 150C) Extended (-40C to 150C) Extended (-40C to 150C)
1. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green. 2. For Speed vs. Vcc, see complete datasheet.
Package Type PN MA 32-pad, 5 x 5 x 1.0 mm body, lead pitch 0.50 mm, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF): E2/D2 3.1 +/0.1mm MA, 32 - Lead, 7x7 mm Body Size, 1.0 mm Body Thickness 0.5 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)
18
ATMega88/168 Automotive
7607F-AVR-03/08
ATMega88/168 Automotive
PN
19
7607F-AVR-03/08
MA
20
ATMega88/168 Automotive
7607F-AVR-03/08
ATMega88/168 Automotive
Document Revision History
7607F - 01/08 7607E - 11/07
Added memory endurance. See "Memory Endurance" on page 3. 1. Added ATMega168 product offering. 1. Added MA package offering.
7607D - 03/07
1. Updated electrical characteristics. 2. Removed Grade0 qualification section. 3. Updated product part number in ordering information.
7607C - 09/06 7607B - 08/06 7607A - 01/06
4. Ordering and package information updated. 1. Added typical characteristics. 1. Document Creation.
21
7607F-AVR-03/08
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-enYvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site www.atmel.com Technical Support Enter Product Line E-mail Sales Contact www.atmel.com/contacts
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c)2008 Atmel Corporation. All rights reserved. Atmel(R), logo and combinations thereof, Everywhere You Are (R), AVR (R), and AVR Studio (R) are registered trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
7607F-AVR-03/08


▲Up To Search▲   

 
Price & Availability of ATMEGA88-15AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X